PART |
Description |
Maker |
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
PSMN034-100PS |
N-channel 100 V 34.5 m惟 standard level MOSFET in TO220. N-channel 100 V 34.5 mΩ standard level MOSFET in TO220. N-channel 100 V 34.5 m standard level MOSFET in TO220. 32 A, 100 V, 0.0345 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
PPF75N10N |
N Channel MOSFET; Package: TO-258; ID (A): 50; RDS(on) (Ohms): 0.025; PD (W): 300; BVDSS (V): 100; Rq: 0.42; 50 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA
|
Microsemi, Corp.
|
SUV85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
IRFW540 IRFW540A IRFI540A IRFWI540A IRFW540ATM |
Advanced Power MOSFET 28 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 100V N-Channel A-FET N-CHANNEL POWER MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTB6410ANT4G NTP6410AN NTP6410ANG NTB6410ANG |
N-Channel Power MOSFET 100 V, 76 A, 13 mΩ 76 A, 100 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
ZXMN10A08GTA ZXMN10A08G |
100V SOT223 N-channel enhancement mode MOSFET 2 A, 100 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
Diodes Incorporated Zetex Semiconductor PLC
|
FQP33N10L |
100V LOGIC N-Channel MOSFET 33 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDB3632NL |
100V N-Channel PowerTrench MOSFET 12 A, 100 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
|